PART |
Description |
Maker |
MKP3382X2 |
Class X2, AC 275V, C-range 1nF-3,3μF, 7,5-27,5mm pitch, boxed
|
Vishay
|
F1740-410-3581 F1740-410-3511 F1740-327-3581 F1740 |
CONN HDR 88POS TH Suppression, (Bi-polar) Capacitors Class X1Y2 AC 275V/250V 抑制,(双极)电容器级X1Y2交流275V/250V Suppression/ (Bi-polar) Capacitors Class X1Y2 AC 275V/250V Class X1 - AC275V; Class Y2 - AC250V
|
Vishay Intertechnology, Inc. Vishay Intertechnology,Inc. VISAY[Vishay Siliconix]
|
PHE840EA5100M PHE840MB5100M PHE840EA5470M PHE840ER |
CAPACITOR X2 0.01UF 300V CAPACITOR X2 0.01UF 275V High Efficiency Step-Down and Inverting DC/DC Converter; Package: SO; No of Pins: 8; Temperature Range: 0°C to 70°C CAPACITOR X2 4.7UF 300V 电容器X2 4.7UF 300V 8-Bit, SO-8, 1MSPS ADCs with Auto-Shutdown Options; Package: SO; No of Pins: 8; Temperature Range: 0°C to 70°C 电容器X2 0.33UF 275V
|
Toshiba, Corp. Vicor, Corp.
|
FAB2210UCX |
Audio Subsystem with Class-G Headphone and 3.3W Mono Class-D Speaker with Dynamic Range Compression
|
Fairchild Semiconductor
|
IRF244 IRF245 IRF246 IRF247 |
14A and 13A, 275V and 250V, 0.28 and 0.34 Ohm, N-Channel Power MOSFETs 14A and 13A/ 275V and 250V/ 0.28 and 0.34 Ohm/ N-Channel Power MOSFETs
|
INTERSIL[Intersil Corporation]
|
HV3527PG HV3527 |
275V, 64-Channel Serial to Parallel Converter with High Voltage Push-Pull Outputs
|
SUTEX[Supertex, Inc]
|
APA2606NAI-TRG APA2606NI-TRG |
2.8W Stereo Class-D Audio Power Amplifier and Class AB Headphone Driver
|
Anpec Electronics Coropration
|
MPR7000 |
EPC Class 0/1 and 0 in PCMCIA Type II Pkg. 的EPC Class 0 / 1和II型PCMCIA包装0
|
Electronic Theatre Controls, Inc.
|
MRF1000MB MRF1000MB-15 |
Class A, Class AB Microwave Power Silicon NPN Transistor 0.7 W, 960-1215 MHz, 18V
|
M/A-COM Technology Solutions, Inc. M/A-COM Technology Solu...
|
MAX5987A MAX5986AETE MAX5986B MAX5986BETE MAX5986A |
IEEE 802.3af-Compliant, High-Efficiency, Class 1/Class 2, PDs with Integrated DC-DC Converter
|
Maxim Integrated Products
|
ECQU2A125L ECQU2A394L ECQU2A392L ECQU2A103L ECQU2A |
In accordance with UL/CSA and European safety regulation class X2 or class Y2/X2
|
Panasonic Semiconductor
|
MAX5986A |
IEEE 802.3af-Compliant, High-Efficiency, Class 1/Class 2, Powered Devices with Integrated DC-DC Converter
|
Maxim Integrated Products, Inc.
|